Part Number Hot Search : 
DB101 ICS830 MMBTA92 C68HC S0500 CDRH4 SFH460 MPS3702
Product Description
Full Text Search
 

To Download GS-R12P05015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS-R12P
1.8W TO 8W STEP-DOWN SWITCHING REGULATOR FAMILY
PRELIMINARY
FEATURE

MTBF 1 000 000 hours (Tamb=25)C) 1.5A max output current 16V max input voltage 1.5V max drop-out voltage Remote logic inhibit/enable Not-latching overload and short circuit protection Thermal shutdown Fixed or adjustable output No heatsink required
Packing type: V = vertical PTH
DESCRIPTION The GS-R12P series is a family of high efficiency step down switching voltage regulator, designed to replace linear regulators. Based on STM L5973 device, this non isolated family of regulators are suitable for the full spectrum of applications including telecom, industry, computer and distributed power system applications having a widely ranging input voltage.
Packing type: H = horizontal PTH -------------------S = horizontal SMD
June 2004
This is preliminary information on a new product now in development. Details are subject to change without notice.
1/7
GS-R12P
SELECTION CHART
Type Ordering Number GS-R12(P)0181.5 GS-R12(P)0251.5 GS-R12(P)0331.5 GS-R12(P)0501.5 GS-R12(P)0001.5 Output Voltage [V] 1.8 4% 2.5 4% 3.3 4% 5.0 4% 1.235 / 5.5 Input Voltage [V] 4.5 / 15 4.5 / 15 4.5 / 15 6.6 / 15 4.5 / 15 Output Ripple [mVpp] 35 35 35 35 35 Efficiency [%] 72 76 82 85 68 / 85 Package (P)* H-S-V H-S-V H-S-V H-S-V H-S Notes Fixed output voltage Fixed output voltage Fixed output voltage Fixed output voltage Progr. output voltage
* Packing Legend (P) H = horizontal through hole S = horizontal SMD V = vertical through hole
ABSOLUTE MAXIMUM RATINGS
Symbol Vi Iout V4 V6 Tstg Top Top1 Parameter DC Input Voltage (for GS-R12(P)XXX1.5) Maximum Output Current INH FB Storage Temperature Range Operating Ambient Temperature Operating Ambient Temperature with current derating Value 16 int. limit -0.3 to Vi 4 -40 / 105 -25 / 70 -25 / 85 V V C C C Unit V
2/7
GS-R12P
CONNECTION DIAGRAM AND MECHANICAL DATA GS-R12VXXX1.5
GS-R12HXXX1.5
GS-R12SXXX1.5
3/7
GS-R12P
PIN DESCRIPTION
Pin 1 2 3 4 5 6 Function Input + Input/Output GND Vout INH Vout-c FB DC input voltage Return for input/output voltage source Regulated power output A logical level (active high) disables the device, when it is open an internal pull up disables the device Regulated output point for additional compensation Feedback input, available on adjustable device and on request for additional compensation Description
ELECTRICAL CHARACTERISTICS All versions (Tamb=25)C, unless otherwise specified.)
Symbol Vr Parameter Ripple Voltage Temperature Stability Io IoL Iq fs SRV Rth Output Current Current Limit Quiescent Current Switching Frequency Supply Voltage Rejection Thermal Resistance Case to ambient Test Condition Vi =12V Io = 1.5A Vi =Vo + 1.5V Io = 1.5A Vi =4.5 / 16V Vi =4.5 / 16V Vi =12V Io = 0A Vi =12V Io = 1.5A 225 0 2.5 1.8 250 2.5 275 1.5 Min. Typ. 35 Max. Unit mVpp mV/C A A mA kHz mV/V C/W
ELECTRICAL CHARACTERISTICS for horizontal versions only (Tamb=25)C, unless otherwise specified.)
Symbol Iqst-by INH Parameter Total Stand-by Quiescent Current INH Threshold Voltage Test Condition Vinh>2.2V Vi = 15V Device ON Device OFF VFB Feedback Voltage Vi =4.5 / 15V Io = 0/1.5A 2.2 1.22 1.235 1.25 Min. Typ. 50 Max. 100 0.8 Unit
A
V V V
4/7
GS-R12P
USER NOTES Input Voltage The recommended operating maximum DC Input Voltage is 15V inclusive of ripple voltage. Inhibit function The inhibit feature allows to put in stand-by mode the device. With INH pin 4 higher than 2.2V the device is disabled and the power consumption is reduced to less than 100A for Vi = 15V. With INH pin lower than 0.8V, the device is enabled. If the INH pin is left floating, an internal pull up ensures that the voltage at the pin reaches the inhibit threshold and the device is disabled. The pin is also Vi compatible. Current protection The device has two current limit protections, pulse by pulse and frequency fold back. The current is sensed through a resistor and if reaches the threshold, the on time is reduced and consequently the output voltage too. Since the minimum switch ON time (necessary to avoid false overcurrent signal) is not enough to obtain a sufficiently low duty cycle at 250 Hz, the output current, in strong overcurrent or short circuit conditions, could increase again. For this reason the switching frequency is also reduced, so keeping the inductor current under its maximum threshold. The frequency depends on the feedback voltage. As the feedback voltage decreases (due to the reduced duty cycle), the switching frequency decrease too. Thermal shutdown The shutdown block generates a signal that turns off the power stage if the temperature of the internal chip goes higher than a fixed internal threshold (150 C). The sensing element of the chip is very close to the PDMOS area, so ensuring an accurate and fast temperature detection. An hysteresis of approximately 20C avoids that the devices turns on and off continuously. Thermal Characteristics
Output voltage programming (GS-R12H(S)0001.5 only) The GS-R12P output voltage is 5.54V 4%, to reduce this value connect a resistor between pin 6 (FB) and pin 5 (Vout-c). The resistor must be located very close to the proper pins, to minimize the injected noise (see figure 1). The resistor value is calculated using the following formula: Rv=[(Vout-1.235)*11.3]/(5.54-Vout) --[kOhm] Vout can be adjusted between 1.235V (Rv=0 Ohm) and 5.54V (Rv=open)
5/7
GS-R12P
Loop compensation (GS-R12H(S)0001.5 only) If required by particular load conditions, it is possible to change the feedback loop compensation, adding an external capacitor between pin 6 (FB) and pin 5 (Vout-c), which will act as speed up (see figure 2).
ADDITIONAL FEATURES AND PROTECTIONS Feedback disconnection In case of feedback disconnection, the duty cycle increases versus the maximum allowed value, bringing the output voltage close to the input supply. THis condition could destroy the load. To avoid this dangerous condition, the device is turned off if the internal feedback pin remains floating. Output overvoltage protection The overvoltage protection, OVP, is realized by using an internal comparator, which input is connected to the feedback, that turns off the power stage when the OVP threshold is reached. This threshold is typically 30% higher than the feedback voltage. Figure 1 Figure 2
6/7
GS-R12P
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China -Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of GS-R12P05015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X